Part Number Hot Search : 
D965AL NTE7417 CD4130D TSC1224 A5941 N5266C CTA41AS5 MJD117T4
Product Description
Full Text Search
 

To Download SS14B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.0 0.15 4.7 0.25 3.6 0.3 2.3 0.15 1.3 0.2 0.203max 0.2 0.05 5.4 0.2 ratings at 25 o c ambient temperature unless otherwise specified maximum repetitive peak reverse voltage v rrm 40 50 60 80 90 100 v maximum rms voltage v rws 28 35 42 56 63 70 v maximum dc blocking voltage v dc 40 50 60 80 90 100 v maximum average forward rectified current at t l =90 i f(av) a peak forward surge current 8.3ms single half-sine-wave i fsm a maximum instantaneous forward voltage at i fm =1.0a (note1) v f v maximum dc reverse current t j =25 at rated dc blocking voltage t j =125 operating temperature range t j o c storage temperature range t stg o c units -55 ---- +150 i r note: 1.pulse test: pulse width 300us,duty cycle 1 % maximum thermal resistance o c/w -55 ---- +125 14 reverse voltage: 20 - 100 v forward current: 1.0 a low forward voltage schottky barrier rectifier guardring protection 20 21 0.50 0.2 0.5 m a r jl 28 30 0.75 1.0 0.85 40 20 30 case: smb molded plastic body 1111 polarity: color band denotes cathode end maximum ratings and electrical characteristics mounting position: any (do-214aa)smb weight: 0.003 ounces, 0.093 gram reverse energy tested high current capability extremely low thermal resistance dimensions in millimeters 6.0 5.0 ss12b ss13b SS14Bss15b ss16b ss18b ss19b ss110b ss12b-ss110 b surface mount schottky barrier rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
100 0.001 0.01 0.1 1 10 20 0 406 08 01 00 t j =125 ?? t j =25 ?? current,amperes peak forward surge current,amperes instantaneous forward current,amperes instantaneous reverse current,micro amperes number of cycles at 60hz instantaneous forward voltage,volts percent of rated peak reverse voltage, lead temperature fig.3 -- typical forward character istics fig.4 -- typical reverse characteristics fi g. 1 -- forward derati ng curve fi g. 2-- peak forward surge current 0.5 0 50 resistive or inductive load p.c.b.mounted on 0.2x0.2(5.0x5.0mm) copperpad areas 1.0 60 70 80 90 100 110 120 130 140 150 160 170 0 11 0 1 0 0 t l =100 c 8.3ms single half sine-w ave (j e d e c m e th o d ) 20 40 o 0 0.01 0.1 1 10 0.2 0.4 0.6 0.8 1.0 1.2 ss15b-ss16b pulse width=300 s 1%duty cycle 1.4 50 ss12b-SS14B ss18b-ss110b 1.6 ss15b-ss110b ss12b-ss16b ss18b-ss110b ss12b-SS14B ss12b-ss110b surface mount schottky barrier rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SS14B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X